Part Number Hot Search : 
T0816 BCM5365P 222MA BUXD87T 1005F XXX0C TPA240 UPD3798
Product Description
Full Text Search
 

To Download SER1052-182ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 535 -1
SMT Power Inductors - SER1052 Series
* High current, low DCR shielded power inductors * Less than 11 x 11 mm base; only 5.2 mm tall
Designer's Kit C421 contains 3 of each value Core and winding loss See www.coilcraft.com/coreloss Core material Ferrite Terminations RoHS compliant tin-silver over copper (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). Other terminations available at additional cost. Weight 1.6 g Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 200/7reel; 700/13 reel Plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing, 5.45 mm pocket depth PCB washing Only pure water or alcohol recommended Inductance DCR SRF 20%2 max3 typ4 (H) (mOhm) (MHz) 0.80 1.0 1.2 1.3 1.5 1.8 2.0 2.2 2.5 3.2 4.0 4.3 5.7 4.0 4.0 6.0 4.0 6.0 6.0 9.0 4.0 7.5 6.0 9.0 7.5 9.0 100 95 91 81 75 70 65 58 55 53 47 44 35 Isat (A)5 Irms(A)6 20% 30% 20C 40C drop drop rise rise 25.2 17.0 21.0 16.8 14.0 13.8 15.8 9.6 11.8 7.8 8.5 6.8 5.8 25.6 17.5 21.3 17.2 14.5 14.3 16.2 10.0 12.1 8.5 8.8 7.0 6.0 12.5 12.5 11.0 12.5 11.0 11.0 8.5 12.5 9.0 11.0 8.5 9.0 8.5 16.3 16.3 15.0 16.3 15.0 15.0 11.5 16.3 12.0 15.0 11.5 12.0 11.5
1. Please specify termination and packaging codes: SER1052-572MLD Termination: L = RoHS compliant tin-silver over copper (pins 1 and 2); matte tin over nickel over phos bronze (pin 3). Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (200 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (700 parts per full reel) 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A or equivalent. 3. DCR measured on a micro-ohmmeter. 4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Part number1 SER1052-801ML_ SER1052-102ML_ SER1052-122ML_ SER1052-132ML_ SER1052-152ML_ SER1052-182ML_ SER1052-202ML_ SER1052-222ML_ SER1052-252ML_ SER1052-322ML_ SER1052-402ML_ SER1052-432ML_ SER1052-572ML_
10% drop 24.9 16.5 20.5 12.9 13.5 13.3 15.3 8.9 11.4 7.3 8.3 6.4 5.4
Specifications subject to change without notice. Please check our website for latest information.
Document 535-1
Revised 01/19/09
(c) Coilcraft, Inc. 2010
Document 535-2
SMT Power Inductors - SER1052 Series
Typical L vs Frequency
7 6 5 4 3.2 H 3 2 1 0.8 H 0 0.1 1 10 100 0 0.1 1 10 100 2.0 H 1.3 H 1 0.8 H 5.7 H
Typical L vs Current
7 6 5 4 3.2 H 3 2.0 H 2 1.3 H 5.7 H
Inductance (H)
Frequency (MHz)
Inductance (H)
Current (A)
0.408 typ 10,37 0.417max 10,60
Irms Derating
120 110 100
0.398 typ 10,10 0.417max 10,60
0.433 0.008 11,0 0,2
Percent of rated Irms
90 80 70 60 50 40 30 20 10 0 -40 -20 0 20 40 60 80 100 120 140
25C
0.402 0.008 10,2 0,2
0.205 max 5,20
0.205 max 5,20
0.059 1,50
0.248 6,30
0.087 2,20
0.075 0.004 1,90 0,1
0.075 0.004 1,90 0,1
0.098 2,50 0.138 3,50 0.098 2,50 0.102 2,60
0.083 0.004 2,10 0,1 0.152 3,85 0.083 0.004 2,10 0,1 0.083 0.004 2,10 0,1
Ambient temperature (C)
For parts manufactured prior to 01/09
For parts manufactured after 12 /08 Recommended Land Pattern
Visit http://coilcraft.con/datecode.cfm for a explanation of date codes.
1
1
2 3 Terminal 3 is for mounting stability only.
inches Dimensions are in mm
0.118 3,00 0.091 2,30 2
0.118 0.125 3,00 3,18
3
0.215 5,47
0.134 3,40
Specifications subject to change without notice. Please check our website for latest information.
Document 535-2
Revised 01/19/09
(c) Coilcraft, Inc. 2010


▲Up To Search▲   

 
Price & Availability of SER1052-182ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X